|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMMP-6420 - 6-18 GHz 1W Power Amplifier - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAAPGM0079-DIE | Amplifier Power 20W 7.5-10.5 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAP-000074-PED000 | Amplifier Power 8W 2.0-8.0 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAPGM0034-DIE | 0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAPGM0076-DIE | Amplifier Power 16W 1.3-2.5 GHz | 1 2 3 4 5 More | Tyco Electronics |
| SKY65028-70LF | 450 MHz-2.5 GHz Linear Power Amplifier Driver | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| HMC452QS16G_06 | InGaP HBT 1 WATT POWER AMPLIFIER 0.4 - 2.2 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SST12LP14 | 2.4 GHz Power Amplifier | 1 2 3 4 5 More | Silicon Storage Technology, Inc |
| XP1027-BD | 27.0-33.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| CHV2711-QJ | 3.5 GHz InGaP HBT 5W Linear Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| MAAP-000076-PED000 | Amplifier Power 16W 1.3-2.5 GHz | 1 2 3 4 5 More | Tyco Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|