![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AWS145 - 32.768kHz SMD Watch Crystal - ETC |
|
Click Here View AWS145 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| AB206J | 32.768kHz SMD REFLOWABLE CYLINDRICAL TYPE TUNING FORK CRYSTAL | Abracon Corporation |
| ABS07 | 32.768kHz SMD LOW PROFILE CRYSTAL | Abracon Corporation |
| ABS09 | 32.768kHz SMD LOW PROFILE CRYSTAL | Abracon Corporation |
| ABS10 | 32.768kHz SMD LOW PROFILE CRYSTAL | Abracon Corporation |
| ABS13 | 32.768kHz SMD LOW PROFILE CRYSTAL | Abracon Corporation |
| ABS25 | 32.768kHz SMD LOW PROFILE CRYSTAL | Abracon Corporation |
| ASFLK | 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR | Abracon Corporation |
| ALVD | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | Abracon Corporation |
| ASFLV | 3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | Abracon Corporation |
| ASV | 3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR | Abracon Corporation |
Link URL |
|
|
Related keyword |
| AWS145 Datasheet | AWS145 Cross Reference | AWS145 Schematic | AWS145 Distributor | AWS145 Datenblatt | AWS145 RoHS |
| AWS145 Equivalent | AWS145 Application Notes | AWS145 Data Sheet | AWS145 component | AWS145 Fiche Technique | AWS145 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |