![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Datasheet |
AWT - Through Hole Tuning Fork Crystals - ETC |
|
Click Here View AWT Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| AB38T | LOW FREQUENCY 32.768kHz CYLINDRICAL TYPE TUNING FORK CRYSTALS | Abracon Corporation |
| MMCC-1_07 | Tuning Fork Crystals | MTRONPTI |
| 32S12 | Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD | Pericom Semiconductor Corporation |
| TO92 | Through hole 3 pin package Package outline | Zetex Semiconductors |
| MTF32 | Tuning Fork Quartz Crystal | ETC |
| AB206J | 32.768kHz SMD REFLOWABLE CYLINDRICAL TYPE TUNING FORK CRYSTAL | Abracon Corporation |
| QETF26-GW | Tuning Fork 32.768KHz - clock source for communication equipment | TEMEX |
| D3A5795-17305EFB-G | QUARTZ CRYSTAL UNIT Holder code D & E TUNING FORK WATCH CRYSTAL | DB Lectro Inc |
| 7116 | Through Hole Common Mode Choke | Filtran LTD |
| 206-208 | Multifunctional Through Hole Through Hole | CTS Corporation |
Link URL |
|
|
Related keyword |
| AWT Datasheet | AWT Cross Reference | AWT Schematic | AWT Distributor | AWT Datenblatt | AWT RoHS |
| AWT Equivalent | AWT Application Notes | AWT Data Sheet | AWT component | AWT Fiche Technique | AWT Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |