![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
3474B1DBAFHAXMS - This precision optical performance oval LED is specifically designed for passenger information signs - Everlight Electronics Co., Ltd |
|
Click Here View 3474B1DBAFHAXMS Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HLMP-HD57 | 5 mm Standard Oval Precision Optical Performance Red LED | AVAGO TECHNOLOGIES LIMITED |
| HLMP-HB55 | 5 mm Precision Optical Performance InGaN Oval LED Lamps | AVAGO TECHNOLOGIES LIMITED |
| HLMP-LB11 | 4 mm Precision Optical Performance InGaN Standard Oval LED Lamps | AVAGO TECHNOLOGIES LIMITED |
| HLMP-CW70 | T-1 3/4 Precision Optical Performance White LED | AVAGO TECHNOLOGIES LIMITED |
| HLMP-LD15 | Precision Optical Performance Red Green and Blue 4mm Standard Oval LEDs | AVAGO TECHNOLOGIES LIMITED |
| HLMP-AD85 | Precision Optical Performance Red Green and Blue 5mm Mini Oval LEDs | AVAGO TECHNOLOGIES LIMITED |
| HLMP-SL11 | 4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps | AVAGO TECHNOLOGIES LIMITED |
| HLMP-HD61 | Precision Optical Performance Red Green and Blue 5mm Standard Oval LEDs | AVAGO TECHNOLOGIES LIMITED |
| HLMP-AD61 | Precision Optical Performance Red Green and Blue 5mm Mini Oval LEDs | AVAGO TECHNOLOGIES LIMITED |
Link URL |
|
|
Related keyword |
| 3474B1DBAFHAXMS Datasheet | 3474B1DBAFHAXMS Cross Reference | 3474B1DBAFHAXMS Schematic | 3474B1DBAFHAXMS Distributor | 3474B1DBAFHAXMS Datenblatt | 3474B1DBAFHAXMS RoHS |
| 3474B1DBAFHAXMS Equivalent | 3474B1DBAFHAXMS Application Notes | 3474B1DBAFHAXMS Data Sheet | 3474B1DBAFHAXMS component | 3474B1DBAFHAXMS Fiche Technique | 3474B1DBAFHAXMS Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |