|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBHV8115T - 150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBSS4220V | 20 V 2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS302NZ | 20 V 5.8 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS303NX | 30 V 5.1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS304NZ | 60 V 5.2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS306NX | 100 V 4.5 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4160V | 60 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4420D | 20 V 4 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|