![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
42-21SURC-S530-A4 - 1.8mm Round Subminiature SMD Chip LED Lamps - A-BRIGHT Inc |
|
Click Here View 42-21SURC-S530-A4 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 42-21A-BHC-ZTW-1T | 1.8mm Round Subminiature SMD Chip LED Lamps | A-BRIGHT Inc |
| AP3216SGC | 3.2x1.6mm SMD CHIP LED LAMPS | Kingbright Corporation |
| 42-21A-GHC-YX1Y2N-1T | 1.8mm Round Subminiature Chip LEDs | A-BRIGHT Inc |
| KPTD-3216 | 3.2x1.6mm SMD CHIP LED LAMPS | Kingbright Corporation |
| APHS1005SECK | 1.0X0.5mm SMD CHIP LED LAMP | Kingbright Corporation |
| APA2106EC | 2.1x0.6mm RIGHT ANGLE SMD CHIP LED LAMP | Kingbright Corporation |
| APA3010SYCK | 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP | Kingbright Corporation |
| APTD3216MBC | 3.2 x 1.6mm SMD CHIP LED LAMP | Kingbright Corporation |
| APTK2012CGCK-F01 | 2.0x1.25mm SMD CHIP LED LAMP | Kingbright Corporation |
Link URL |
|
|
Related keyword |
| 42-21SURC-S530-A4 Datasheet | 42-21SURC-S530-A4 Cross Reference | 42-21SURC-S530-A4 Schematic | 42-21SURC-S530-A4 Distributor | 42-21SURC-S530-A4 Datenblatt | 42-21SURC-S530-A4 RoHS |
| 42-21SURC-S530-A4 Equivalent | 42-21SURC-S530-A4 Application Notes | 42-21SURC-S530-A4 Data Sheet | 42-21SURC-S530-A4 component | 42-21SURC-S530-A4 Fiche Technique | 42-21SURC-S530-A4 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |