![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
42-21A/BHC-ZTW/1T - 1.8mm Round Subminiature SMD Chip LED Lamps - A-BRIGHT Inc |
|
Click Here View 42-21A/BHC-ZTW/1T Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| KPTD-3216 | 3.2x1.6mm SMD CHIP LED LAMPS | Kingbright Corporation |
| AP3216SGC | 3.2x1.6mm SMD CHIP LED LAMPS | Kingbright Corporation |
| APBA3010ESGC | 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP | Kingbright Corporation |
| AA3528SYCK | 3.5x2.8 mm SMD CHIP LED LAMP | Kingbright Corporation |
| APTB1612ESGC | 1.6x1.25mm BI-COLOR SMD CHIP LED LAMP | Kingbright Corporation |
| APTC2012EC | 2.0x1.25mm SMD CHIP LED LAMP | Kingbright Corporation |
| APTD3216PBC | 3.2 x 1.6mm SMD CHIP LED LAMP | Kingbright Corporation |
| AA3528F3C | 3.5x2.8 mm SMD CHIP LED LAMP | Kingbright Corporation |
| APED3528SURCK-F01 | 3.5 x2.8mm SMD CHIP LED LAMP | Kingbright Corporation |
Link URL |
|
|
Related keyword |
| 42-21A/BHC-ZTW/1T Datasheet | 42-21A/BHC-ZTW/1T Cross Reference | 42-21A/BHC-ZTW/1T Schematic | 42-21A/BHC-ZTW/1T Distributor | 42-21A/BHC-ZTW/1T Datenblatt | 42-21A/BHC-ZTW/1T RoHS |
| 42-21A/BHC-ZTW/1T Equivalent | 42-21A/BHC-ZTW/1T Application Notes | 42-21A/BHC-ZTW/1T Data Sheet | 42-21A/BHC-ZTW/1T component | 42-21A/BHC-ZTW/1T Fiche Technique | 42-21A/BHC-ZTW/1T Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |