|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BX-M324RD - 0.30(7.80MM)FIVE DIGIT LED DISPLAY - BRIGHT LED ELECTRONICS CORP |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BV-C304RD | 0.30 7.80MM FIVE DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BV-C306RD | 0.30 7.80MM FIVE DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BX-M322RD | 0.30 7.80MM FIVE DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BD-F286RD | 0.28 7.0mm DUAL DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N334RD | 0.30 7.60MM FOUR DIGIT LED DISPLAY | 1 | BRIGHT LED ELECTRONICS CORP |
| BS-A322RD | 0.36 9.10MM single DIGIT LED DISPLAY | 1 2 3 4 | BRIGHT LED ELECTRONICS CORP |
| BS-AD22RD | 2.30 56.80MM single DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BS-CB04RD | 1.80 44.80MM single DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N424RD | 0.30 10.0MM FOUR DIGIT LED DISPLAY | 1 2 3 4 | BRIGHT LED ELECTRONICS CORP |
| BS-AD26RD | 2.30 56.80MM single DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
Datasheet Page |
1 |
Link URL |
|
|