|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BWL-3A4A01H-H1 - 12VDC 4W AlInGaN White Low power consumption. - BRIGHT LED ELECTRONICS CORP |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BWL-3A4A01H | 12VDC 4W AlInGaN White Low power consumption. | 1 2 3 4 5 | BRIGHT LED ELECTRONICS CORP |
| BWL-2B1G01-H1 | 1W AlInGaN Green Low power consumption. | 1 2 3 4 | BRIGHT LED ELECTRONICS CORP |
| BL-C2435 | LED GaP/GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-R2122 | GaP /GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-R2331T | GaP/GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-R4621D | GaAsP/GaP Hi-Eff Red Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-S2137 | GaP/GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-SX1137 | GaP/GaP Hi-Eff Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-C2436 | LED GaP/GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
| BL-R2122N | GaP /GaP Green Low power consumption. | 1 2 | BRIGHT LED ELECTRONICS CORP |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|