|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
BWL-2B1B01-H1 - 1W AlInGaN Blue Low power consumption Efficient heat transfer. - BRIGHT LED ELECTRONICS CORP |
|
Click BWL-2B1B01-H1 to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BWL-2B1B01 | 1W AlInGaN Blue High lumen output Efficient heat transfer. | BRIGHT LED ELECTRONICS CORP |
| BWL-2B1A01-H1 | 1W AlInGaN White High lumen output Efficient heat transfer. | BRIGHT LED ELECTRONICS CORP |
| BL-BB43V1 | LED AlInGaN Super Blue Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| BL-BB43V4V | LED AlInGaN Super Blue Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| XC6215 | 0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch | Torex Semiconductor |
| ST232A_06 | Very high speed ultra low power consumption 5V Powered RS-232 drivers and receivers | STMicroelectronics |
| BL-BB43V4V-1 | LED AlInGaN Super Blue Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| AN7117 | LOW POWER CONSUMPTION 1W AUDIO PAWER AMPLIFIER | ETC |
| BL-R3132N | Low power consumption | ETC |
| BL-BB43V4V-2 | LED AlInGaN Super Blue Low current requirement. | BRIGHT LED ELECTRONICS CORP |
Link URL |
|
|
Related keyword |
| BWL-2B1B01-H1 Datasheet | BWL-2B1B01-H1 Cross Reference | BWL-2B1B01-H1 Schematic | BWL-2B1B01-H1 Distributor | BWL-2B1B01-H1 Datenblatt | BWL-2B1B01-H1 RoHS |
| BWL-2B1B01-H1 Equivalent | BWL-2B1B01-H1 Application Notes | BWL-2B1B01-H1 Data Sheet | BWL-2B1B01-H1 component | BWL-2B1B01-H1 Fiche Technique | BWL-2B1B01-H1 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |