Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      STMPE1601TBR(2)

Featured Products and Offers


Datasheet

    STMPE1601TBR - 16-bit enhanced port expander with keypad and PWM controller Xpander Logic - STMicroelectronics

Page

 
Part No. STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
Download  STMPE1601TBR Click to view
File Size   602.63 Kbytes / 58 Pages
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STMPE240124-bit Enhanced port expander with Keypad and PWM controller Xpander logic 1 2 3 4 5 MoreSTMicroelectronics
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
STR750FXX_1ARM7TDMI-S™ 32-bit MCU with Flash SMI 3 std 16-bit timers PWM timer fast 10-bit ADC I2C UART SSP USB and CAN 1 2 3 4 5 MoreSTMicroelectronics
PM8800Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source 1 2 3 4 5 MoreSTMicroelectronics
AT89C51CC03_06Enhanced 8-bit MCU with CAN Controller and Flash Memory 1 2 3 4 5 MoreATMEL Corporation
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PCA9535REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS 1 2 3 4 5 MoreTexas Instruments
ISL6322_07Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
PCA9539REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS 1 2 3 4 5 MoreTexas Instruments

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Link URL

Related keyword

  STMPE1601TBR Datasheet   STMPE1601TBR Cross Reference   STMPE1601TBR Schematic   STMPE1601TBR Distributor   STMPE1601TBR Datenblatt   STMPE1601TBR RoHS
  STMPE1601TBR Equivalent   STMPE1601TBR Application Notes   STMPE1601TBR Data Sheet   STMPE1601TBR component   STMPE1601TBR Fiche Technique   STMPE1601TBR Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl