![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BS-CA25RE - 25.60mm(1.00) high single digit 16-segment - BRIGHT LED ELECTRONICS CORP |
|
Click Here View BS-CA25RE Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BS-CA25RD | 25.60mm 1.00 high single digit 16-segment | BRIGHT LED ELECTRONICS CORP |
| BS-A344RD-A | 10.0mm 0.39 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-AE0FRD | 101.20mm 4.00 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-A346RD-B | 0.39 10.00.MM high single DIGIT 14-segments alphanumeric DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-AE06RD | 101.20mm 4.00 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-C502RD | 12.70mm 0.50 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-A402RD | 10.16mm 0.40 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-C503RD | 12.70mm 0.50 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-A514RD | 14.2mm 0.56 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-AE14RD | 101.20mm 4.00 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
Link URL |
|
|
Related keyword |
| BS-CA25RE Datasheet | BS-CA25RE Cross Reference | BS-CA25RE Schematic | BS-CA25RE Distributor | BS-CA25RE Datenblatt | BS-CA25RE RoHS |
| BS-CA25RE Equivalent | BS-CA25RE Application Notes | BS-CA25RE Data Sheet | BS-CA25RE component | BS-CA25RE Fiche Technique | BS-CA25RE Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |