|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PEC16 - 16 mm Incremental Encoder - Bourns Electronic Solutions |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HEDS9000_1 | Two Channel High Resolution Optical Incremental Encoder Modules | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| PEC12 | 12 mm Incremental Encoder | 1 2 3 | Bourns Electronic Solutions |
| MM54HC148 | 8-3 Line Priority Encoder | 1 2 3 4 5 More | National Semiconductor |
| ISL59311 | Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface | 1 2 3 4 5 More | Intersil Corporation |
| AEDR-8000 | Reflective Surface Mount Optical Encoder | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| MC44C401L | MTS Stereo Encoder | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| HEDS-51X0 | Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| 4532B | CMOS 8-BIT PRIORITY ENCODER | 1 2 3 4 | R & E International, Inc. |
| ACTIVA100 | MPEG AV Encoder for DVD Recorders | 1 2 | Zoran Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|