|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NE46134-T1-AZ - NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| NE64300 | NPN MEDIUM POWER MICROWAVE TRANSISTOR | 1 2 3 4 5 More | NEC |
| ZXTN08400BFF | 400V SOT23F NPN medium power high voltage transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| FXT601B | NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR | 1 | Zetex Semiconductors |
| GL194 | NPN SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 2 | GTM CORPORATION |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| 2N1479 | NPN SILICON MEDIUM POWER TRANSISTOR | 1 2 | Microsemi Corporation |
| ZXTN25020BFH | 20V SOT23 NPN medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| FXT614 | NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR | 1 | Zetex Semiconductors |
| GL194A | NPN SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 2 | GTM CORPORATION |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|