|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BS-AD1FRD - 2.30(56.90MM) single DIGIT LED DISPLAY - BRIGHT LED ELECTRONICS CORP |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LA-601 | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| SC10-11GWA | 26mm 1.02 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC56-11EWA | 14.2mm 0.56INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| SA10-11EWA | 26mm 1.02 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| BQ-N512RD | 0.56 14.20MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| PSC08-11EWA_07 | 20.32mm 0.8INCH 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| BS-A346RD-B | 0.39 10.00.MM high single DIGIT 14-segments alphanumeric DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| PSA23-11SRWA | 56.8mm 2.3 INCH 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY | 1 2 3 4 5 More | Kingbright Corporation |
| BQ-N516RD | 0.56 14.20MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| SA04-11SRWA | 10.16mm 0.4INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|