![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BS-A342RD - 10.0mm(0.39) high single digit seven segments display. - BRIGHT LED ELECTRONICS CORP |
|
Click Here View BS-A342RD Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BS-A34DRD-A | 0.0mm 0.39 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-A304RD | 7.62mm 0.30 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BS-A305RE | 7.62mm 0.3 high single digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-M51DRD | 14.20mm 0.56" high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-N514RD | 14.2mm 0.56 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-M282RD | 7.00mm 0.28 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-M284RD | 7.00mm 0.28 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-M514RD | 14.20mm 0.56 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-N32DRD | 9.20mm 0.36 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
| BQ-N332RD | 7.60mm 0.3 high four digit seven segments display. | BRIGHT LED ELECTRONICS CORP |
Link URL |
|
|
Related keyword |
| BS-A342RD Datasheet | BS-A342RD Cross Reference | BS-A342RD Schematic | BS-A342RD Distributor | BS-A342RD Datenblatt | BS-A342RD RoHS |
| BS-A342RD Equivalent | BS-A342RD Application Notes | BS-A342RD Data Sheet | BS-A342RD component | BS-A342RD Fiche Technique | BS-A342RD Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |