|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BS-A36DRD - 0.31(8.00MM)single DIGIT LED DISPLAY - BRIGHT LED ELECTRONICS CORP |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BQ-N512RD | 0.56 14.20MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N516RD | 0.56 14.20MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| LA-601 | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| BQ-M334RD | 0.30 7.60MM FOUR DIGIT LED DISPLAY | 1 | BRIGHT LED ELECTRONICS CORP |
| BQ-N30DRD | 0.33 8.40MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BD-C515RD | 0.56 14.20mm DUAL DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N42DRD | 0.39 7.60MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BD-C515RE | 0.56 14.20mm DUAL DIGIT LED DISPLAY | 1 2 3 4 | BRIGHT LED ELECTRONICS CORP |
| BQ-N286RD | 0.28 7.10MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BD-E306RD | 0.30 7.620mm DUAL DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
Datasheet Page |
1 2 3 |
Link URL |
|
|