![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AT1361 - 1MHz,1A Synchronous Buck Converter - Aimtron Technology |
|
Click Here View AT1361 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRDCIP2002-C | 1MHz 120A 4-phase Synchronous Buck Converter using iP2002 | International Rectifier |
| EV2112DQ-00A | 1A 1MHz Synchronous Step-Down Converter | Monolithic Power Systems |
| IRDCIP1201-A | 300kHz Dual 15A 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201 | International Rectifier |
| MP2106 | 1.5A 15V 800KHz Synchronous Buck Converter | Monolithic Power Systems |
| MIC2203 | High Efficiency 1MHz Synchronous Buck Regulator | Micrel Semiconductor |
| MP2105 | 1MHz 800mA Synchronous Step-Down Converter | Monolithic Power Systems |
| ISL8013 | 3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator | Intersil Corporation |
| MP2108 | 2A 6V 720KHz Synchronous Buck Converter | Monolithic Power Systems |
| RT8005 | 1A 2MHz High-Efficiency Synchronous Buck PWM Converter | Richtek Technology Corporation |
| MP2105_06 | 1MHz 800mA Synchronous Step-Down Converter | Monolithic Power Systems |
Link URL |
|
|
Related keyword |
| AT1361 Datasheet | AT1361 Cross Reference | AT1361 Schematic | AT1361 Distributor | AT1361 Datenblatt | AT1361 RoHS |
| AT1361 Equivalent | AT1361 Application Notes | AT1361 Data Sheet | AT1361 component | AT1361 Fiche Technique | AT1361 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |