![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AOZ1210AI - EZBuck¢â 2A Simple Buck Regulator - Alpha & Omega Semiconductors |
|
Click Here View AOZ1210AI Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LM2575 | 52kHz Simple 1A Buck Regulator | Micrel Semiconductor |
| AOZ1016 | EZBuck¢â 2A Simple Buck Regulator | Alpha & Omega Semiconductors |
| AOZ1020-EVA | EZBuck¢â 2A Simple Buck Regulator Evaluation Board Note | Alpha & Omega Semiconductors |
| AOZ1015-EVA | EZBuck¢â 1.5A Simple Buck Regulator Evaluation Board Note | Alpha & Omega Semiconductors |
| AOZ1017 | EZBuck¢â 3A Simple Regulator | Alpha & Omega Semiconductors |
| AOZ1017-EVA | EZBuck¢â 3A Simple Buck Regulator Evaluation Board Note | Alpha & Omega Semiconductors |
| LM3405 | 550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs | National Semiconductor |
| SP7662_07 | Wide Input Voltage Range 12A 300kHz Buck Regulator | Sipex Corporation |
| IR3820MPBF | HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE SYNCHRONOUS BUCK REGULATOR | International Rectifier |
| LM20144 | 4A PowerWise¢ç Adjustable Frequency Synchronous Buck Regulator | National Semiconductor |
Link URL |
|
|
Related keyword |
| AOZ1210AI Datasheet | AOZ1210AI Cross Reference | AOZ1210AI Schematic | AOZ1210AI Distributor | AOZ1210AI Datenblatt | AOZ1210AI RoHS |
| AOZ1210AI Equivalent | AOZ1210AI Application Notes | AOZ1210AI Data Sheet | AOZ1210AI component | AOZ1210AI Fiche Technique | AOZ1210AI Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |