|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BQ-N426RD - 0.39(10.0MM) FOUR DIGIT LED DISPLAY - BRIGHT LED ELECTRONICS CORP |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BQ-M334RD | 0.30 7.60MM FOUR DIGIT LED DISPLAY | 1 | BRIGHT LED ELECTRONICS CORP |
| BQ-N30DRD | 0.33 8.40MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N42DRD | 0.39 7.60MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N286RD | 0.28 7.10MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N306RD | 0.33 8.40MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BQ-N334RD | 0.30 7.60MM FOUR DIGIT LED DISPLAY | 1 | BRIGHT LED ELECTRONICS CORP |
| BQ-N424RD | 0.30 10.0MM FOUR DIGIT LED DISPLAY | 1 2 3 4 | BRIGHT LED ELECTRONICS CORP |
| LA-601 | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| MO456FA | HIGH EFFICIENCY LOW CURRENT 0.56" FOUR DIGIT ORANGE LED DISPLAYS | 1 2 | Micro Electronics |
| MO458A | HIGH EFFICIENCY LOW CURRENT 0.56" FOUR DIGIT ORANGE LED DISPLAYS | 1 2 | Micro Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|