![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BAV99BDWPT - FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere - ETC |
|
Click Here View BAV99BDWPT Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BAV19WS | SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere | Rectron Semiconductor |
| 1SS355PT | SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere | ETC |
| 1SS400GPT | SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere | ETC |
| CHN217UPT | SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere | ETC |
| MMBD3004BRM | SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY | Pan Jit International Inc. |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| GBAS16 | SURFACE MOUNT SWITCHING DIODE VOLTAGE 85V CURRENT 250mA | GTM CORPORATION |
| MMBD4448HTM_1 | SURFACE MOUNT FAST SWITCHING DIODE ARRAY | Diodes Incorporated |
| 05F1 | SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere | Rectron Semiconductor |
| UFM201 | SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Ampere | Rectron Semiconductor |
Link URL |
|
|
Related keyword |
| BAV99BDWPT Datasheet | BAV99BDWPT Cross Reference | BAV99BDWPT Schematic | BAV99BDWPT Distributor | BAV99BDWPT Datenblatt | BAV99BDWPT RoHS |
| BAV99BDWPT Equivalent | BAV99BDWPT Application Notes | BAV99BDWPT Data Sheet | BAV99BDWPT component | BAV99BDWPT Fiche Technique | BAV99BDWPT Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |