![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AD9238_05 - 12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter - Analog Devices |
|
Click Here View AD9238_05 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ADC122S706 | Dual 12-Bit 500 kSPS to 1 MSPS Simultaneous Sampling A/D Converter | National Semiconductor |
| ADC12DS065 | Dual 12-Bit 65/80/95/105 MSPS A/D Converter with Serial LVDS outputs | National Semiconductor |
| AD9237 | 12-Bit 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter | Analog Devices |
| ADC14DC080 | Dual 14-Bit 80/105 MSPS A/D Converter with CMOS Outputs | National Semiconductor |
| AD9236 | 12-Bit 80 MSPS 3 V A/D Converter | Analog Devices |
| AD9245 | 14-Bit 20 MSPS/40 MSPS/65 MSPS/80 MSPS 3 V A/D Converter | Analog Devices |
| ADC12V170 | 12-Bit 170 MSPS 1.1 GHz Bandwidth A/D Converter with LVDS Outputs | National Semiconductor |
| AD9228 | Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter | Analog Devices |
| MCP3202_06 | 2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface | Microchip Technology |
| SPT7920 | 12-BIT 10 MSPS TTL A/D CONVERTER | ETC |
Link URL |
|
|
Related keyword |
| AD9238_05 Datasheet | AD9238_05 Cross Reference | AD9238_05 Schematic | AD9238_05 Distributor | AD9238_05 Datenblatt | AD9238_05 RoHS |
| AD9238_05 Equivalent | AD9238_05 Application Notes | AD9238_05 Data Sheet | AD9238_05 component | AD9238_05 Fiche Technique | AD9238_05 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |