|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CAS113 - 11.55×3.3mm Max.(L×W),3.55mm Max. Height - Sumida Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CAS143 | 11.55Ã3.3mm Max. LÃW 3.55mm Max. Height | 1 | Sumida Corporation |
| CAS11D21 | 11.6Ã3.3mm Max. LÃW 2.3mm Max. Height | 1 | Sumida Corporation |
| CAS19D17C | 19.0Ã5.3mm Max. LÃW 1.9mm Max. Height | 1 | Sumida Corporation |
| CAS11D28 | 11.6Ã3.5mm Max. LÃW 2.95mm Max. Height | 1 | Sumida Corporation |
| WP7113BR6.35-SRD | T-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP7113BR6.35-YD | T-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| D10040240GTH | GaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC | 1 2 3 4 | PREMIER DEVICES, INC. |
| DG3537DB | MICRO FOOT 3x3 0.5-mm PITCH 0.238-mm BUMP HEIGHT | 1 | Vishay Siliconix |
| WP7113BR9.52-GD | T-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| R0605250L2 | Si Reverse low current 5 - 65 MHz 25.0dB typ. Gain @ 65MHz 140mA max. @ 24VDC | 1 2 3 4 | PREMIER DEVICES, INC. |
Datasheet Page |
1 |
Link URL |
|
|