![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
388LP4E - MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz - Hittite Microwave Corporation |
|
Click Here View 388LP4E Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HMC358MS8G_07 | MMIC VCO w/ BUFFER AMPLIFIER 5.8 - 6.8 GHz | Hittite Microwave Corporation |
| HMC532LP4 | MMIC VCO w/ BUFFER AMPLIFIER 7.1 - 7.9 GHz | Hittite Microwave Corporation |
| HMC384LP4_06 | MMIC VCO w/ BUFFER AMPLIFIER 2.05 - 2.25 GHz | Hittite Microwave Corporation |
| HMC385LP4_06 | MMIC VCO w/ BUFFER AMPLIFIER 2.25 - 2.5 GHz | Hittite Microwave Corporation |
| XB1005-BD | 35.0-45.0 GHz GaAs MMIC Buffer Amplifier | Mimix Broadband |
| XB1007-BD | 4.0-11.0 GHz GaAs MMIC Buffer Amplifier | Mimix Broadband |
| XB1008-BD | 10.0-21.0 GHz GaAs MMIC Buffer Amplifier | Mimix Broadband |
| XB1009-BD | 14.0-30.0 GHz GaAs MMIC Buffer Amplifier | Mimix Broadband |
| XB1009-QT | 12.0-27.0 GHz GaAs MMIC Buffer Amplifier QFN | Mimix Broadband |
| HMC-C029 | WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE 5.0 - 10.0 GHz | Hittite Microwave Corporation |
Link URL |
|
|
Related keyword |
| 388LP4E Datasheet | 388LP4E Cross Reference | 388LP4E Schematic | 388LP4E Distributor | 388LP4E Datenblatt | 388LP4E RoHS |
| 388LP4E Equivalent | 388LP4E Application Notes | 388LP4E Data Sheet | 388LP4E component | 388LP4E Fiche Technique | 388LP4E Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |