|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp alldatasheet.es alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
BD139 - NPN SILICON TRANSISTORS - STMicroelectronics |
|
Click BD139 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BU522B | 7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS | Motorola, Inc |
| CJD3439 | NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS | Continental Device India Limited |
| MJ13333 | 20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS | Motorola, Inc |
| MRF421 | RF POWER TRANSISTORS NPN SILICON | Motorola, Inc |
| BD245 | NPN SILICON POWER TRANSISTORS | Bourns Electronic Solutions |
| 2N6274 | POWER TRANSISTORS NPN SILICON | ON Semiconductor |
| MJ16018 | NPN Silicon Power Transistors | ON Semiconductor |
| MUN5211T1 | NPN SILICON BIAS RESISTOR TRANSISTORS | ON Semiconductor |
| MJ413 | 10 Amp NPN Silicon Power Transistors 125W | Micro Commercial Components |
| 2N4240 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | Microsemi Corporation |
Link URL |
|
|
Related keyword |
| BD139 Datasheet | BD139 Cross Reference | BD139 Schematic | BD139 Distributor | BD139 Datenblatt | BD139 RoHS |
| BD139 Equivalent | BD139 Application Notes | BD139 Data Sheet | BD139 component | BD139 Fiche Technique | BD139 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |