|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
T2035-600M - SNUBBERLESS TRIACS - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BTA12BW | SNUBBERLESS TRIACS | 1 2 3 4 5 | STMicroelectronics |
| T1635H | Snubberless TM high temperature 16 A Triacs | 1 2 3 4 5 More | STMicroelectronics |
| MAC224A | Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors | 1 2 3 4 | Motorola, Inc |
| MAC8D | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| BT136 | TRIACS | 1 2 3 4 5 | Unisonic Technologies |
| BTA24 | 25A TRIACS | 1 2 3 4 5 More | STMicroelectronics |
| MAC224A | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| MAC9_05 | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| BT136E | TRIACS | 1 2 3 4 5 | Unisonic Technologies |
| BTA312 | 12 A Three-quadrant triacs high commutation high temperature | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|