![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 285D(35) 285E(1) |
|
Click Here View 285E Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HMC272MS8_06 | GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.0 GHz | Hittite Microwave Corporation |
| HMC175MS8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz | Hittite Microwave Corporation |
| HMC215LP4 | GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 1.7 - 4.0 GHz | Hittite Microwave Corporation |
| XM1004-BD | 20.0-38.0 GHz GaAs MMIC Balanced Mixer | Mimix Broadband |
| MA4EX1201-1300T | GaAs MMIC Double Balanced 11-15 GHz Mixer | Tyco Electronics |
| HMC141C8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz | Hittite Microwave Corporation |
| XM1005-BD | 37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer | Mimix Broadband |
| HMC207S8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz | Hittite Microwave Corporation |
| MA4EX2401 | GaAs MMIC Double Balanced 24 GHz Mixer | Tyco Electronics |
| HMC258LC3B | GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz | Hittite Microwave Corporation |
| Related keyword |
| 285E Datasheet | 285E Cross Reference | 285E Schematic | 285E Distributor | 285E Datenblatt | 285E RoHS |
| 285E Equivalent | 285E Application Notes | 285E Data Sheet | 285E component | 285E Fiche Technique | 285E Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |