![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2210(9) 2211(150) 2212(1) 2213(4) 2214(136) 2215(1) 2216(1) 2217(1) 2218(1) 2219(1) 221E(1) 221K(11) |
|
Click Here View 221E Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HMC197_06 | GaAs MMIC SOT26 SPDT SWITCH DC - 3 GHz | Hittite Microwave Corporation |
| UPG2022T5G | 4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH | California Eastern Labs |
| HMC-SDD112 | GaAs PIN MMIC SPDT SWITCH 55 - 86 GHz | Hittite Microwave Corporation |
| CSW0118-BD_07 | 0.5-18 GHz GaAs pHEMT MMIC SPDT Switch | Mimix Broadband |
| UPG2022TB | 4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH | California Eastern Labs |
| HMC607G7 | GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH DC - 6.0 GHz | Hittite Microwave Corporation |
| HMC190MS8_06 | GaAs MMIC SPDT SWITCH DC - 3 GHz | Hittite Microwave Corporation |
| HMC194MS8_06 | GaAs MMIC SPDT SWITCH DC - 3 GHz | Hittite Microwave Corporation |
| HMC607 | GaAs MMIC HIGH ISOLATION SPDT SWITCH DC - 15 GHz | Hittite Microwave Corporation |
| MASWSS0167 | 2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz | Tyco Electronics |
| Related keyword |
| 221E Datasheet | 221E Cross Reference | 221E Schematic | 221E Distributor | 221E Datenblatt | 221E RoHS |
| 221E Equivalent | 221E Application Notes | 221E Data Sheet | 221E component | 221E Fiche Technique | 221E Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |