![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 220MS8E(1) |
|
Click Here View 220MS8E Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HMC128G8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz | Hittite Microwave Corporation |
| HMC141C8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz | Hittite Microwave Corporation |
| HMC168C8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz | Hittite Microwave Corporation |
| HMC170C8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz | Hittite Microwave Corporation |
| HMC171C8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz | Hittite Microwave Corporation |
| HMC175MS8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz | Hittite Microwave Corporation |
| HMC207S8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz | Hittite Microwave Corporation |
| HMC218MS8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz | Hittite Microwave Corporation |
| HMC219MS8_06 | GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz | Hittite Microwave Corporation |
| HMC216MS8_06 | GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz | Hittite Microwave Corporation |
| Related keyword |
| 220MS8E Datasheet | 220MS8E Cross Reference | 220MS8E Schematic | 220MS8E Distributor | 220MS8E Datenblatt | 220MS8E RoHS |
| 220MS8E Equivalent | 220MS8E Application Notes | 220MS8E Data Sheet | 220MS8E component | 220MS8E Fiche Technique | 220MS8E Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |