|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EUP7996 - 1.5A DDR Termination Regulator - Eutech Microelectronics Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP2301 | 1.5A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| UR5512 | 2A DDR BUS TERMINATION REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| UR5595 | DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| RT9005A | DDR VDDQ and Termination Voltage Regulator | 1 2 3 4 5 More | Richtek Technology Corporation |
| SC2596 | Low Voltage Integrated DDR Termination Regulator | 1 2 3 4 5 More | Semtech Corporation |
| AP2302 | 3A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| SC2595 | Integrated Linear DDR Termination Regulator | 1 2 3 4 5 More | Semtech Corporation |
| AP2302L_06 | 2A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| TPS51100_07 | 3-A SINK/SOURCE DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| TPS5110 | 3-A SINK/ SOURCE DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|