Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL2Y94-2S Datasheet (PDF) - OSRAM GmbH

SPL2Y94-2S Datasheet PDF - OSRAM GmbH
Part # SPL2Y94-2S
Download  SPL2Y94-2S Download

File Size   208.83 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Laser Diode in TO-220 Package 2.0 W cw

SPL2Y94-2S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPL2Y94-2S Datasheet PDF - OSRAM GmbH

Part # SPL2Y94-2S
Download  SPL2Y94-2S Click to download

File Size   208.83 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Laser Diode in TO-220 Package 2.0 W cw

SPL2Y94-2S Datasheet (HTML) - OSRAM GmbH

SPL2Y94-2S Datasheet HTML 1Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 2Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 3Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 4Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 5Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 6Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 7Page - OSRAM GmbH

SPL2Y94-2S Product details

Features
• Efficient radiation source for cw and pulsed operation
• Reliable InGa(Al)As strained layer quantum-well structure
• New optimized single quantum-well structure
• Improved reliability, low treshold current, higher efficiency
• Small TO-220 package with efficient thermal coupling
• Included thermistor allows wavelength control by temperature
• Laser aperture 200 µm
• Cylindrical lens for correction of the vertical axis

Applications
• Pumping of solid state lasers (Nd: YAG, Yb: YAG, …)
• Medical and dental applications
• Soldering, heating, illumination
• Free space data transmission
• Energy transmission
• Testing and measuring applications




Similar Part No. - SPL2Y94-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2Y94 SIEMENS-SPL2Y94 Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
More results


Similar Description - SPL2Y94-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com