|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ICQ2716 - 200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA - IC MICROSYSTEMS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SKY73012 | 400 - 3900 MHz Direct Quadrature Demodulator | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| NCS2501 | 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature | 1 2 3 4 5 More | ON Semiconductor |
| NCS2530_07 | Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature | 1 2 3 4 5 More | ON Semiconductor |
| AD96606 | 200 MHz Laser Diode Driver with Light Power Control | 1 2 3 4 5 More | Analog Devices |
| SRF-2016 | 200 - 600 MHz Silicon Germanium IF Receiver | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| AD8367_05 | 500 MHz Linear-in-dB VGA with AGC Detector | 1 2 3 4 5 More | Analog Devices |
| ADL5330_05 | 10 MHz to 3 GHz VGA with 60 dB Gain Control Range | 1 2 3 4 5 More | Analog Devices |
| JH-121 | Quadrature Hybrid 100 - 200 MHz | 1 2 3 | Tyco Electronics |
| JH-131_1 | Three-Port Quadrature Hybrid 20 - 200 MHz | 1 2 | Tyco Electronics |
| ADL5387 | 50 MHz to 2 GHz Quadrature Demodulator | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|