|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KOM2125FA - 2fach-Silizium-PIN Fotodiode in SMT - OSRAM GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FR1101F | Series Right Angle AlInGaP SMT LED | 1 2 | List of Unclassifed Manufacturers |
| MAPDCC0010 | Low Cost Two-Way GMIC SMT Power Divier 2200-2500 MHz | 1 2 3 | Tyco Electronics |
| MAVC-060000-530768 | Synthesizer SMT Fixed Frequency 768 MHz | 1 2 3 | Tyco Electronics |
| ASPI-5610-XXX | SMT POWER INDUCTORS | 1 | Abracon Corporation |
| LP07 | SMT High Current Inductors | 1 | ice Components, Ins. |
| AMMP-6408 | 6 to 18 GHz 1 W Power Amplifier in SMT Package | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| PF0698NL | SMT POWER INDUCTORS Unshielded Drum Core | 1 2 | Pulse A Technitrol Company |
| B82498-A3100-K | SMT Inductors SIMID Series | 1 2 3 4 | EPCOS |
| MACPCC0001 | Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| MAVC-060103-130400 | Synthesizer SMT 400 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|