Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74V1G03 Datasheet (PDF) - STMicroelectronics

74V1G03 Datasheet PDF - STMicroelectronics
Part # 74V1G03
Download  74V1G03 Download

File Size   49.73 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT OPEN DRAIN NAND GATE

74V1G03 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G03 Datasheet PDF - STMicroelectronics

Part # 74V1G03
Download  74V1G03 Click to download

File Size   49.73 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT OPEN DRAIN NAND GATE

74V1G03 Datasheet (HTML) - STMicroelectronics

74V1G03 Datasheet HTML 1Page - STMicroelectronics 74V1G03 Datasheet HTML 2Page - STMicroelectronics 74V1G03 Datasheet HTML 3Page - STMicroelectronics 74V1G03 Datasheet HTML 4Page - STMicroelectronics 74V1G03 Datasheet HTML 5Page - STMicroelectronics 74V1G03 Datasheet HTML 6Page - STMicroelectronics 74V1G03 Datasheet HTML 7Page - STMicroelectronics

74V1G03 Product details

DESCRIPTION
The 74V1G03 is an advanced high-speed CMOS SINGLE 2-INPUT OPEN DRAIN NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 3.9ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74V1G03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
74V1G03CTR STMICROELECTRONICS-74V1G03CTR Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
74V1G03STR STMICROELECTRONICS-74V1G03STR Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
74V1G03 STMICROELECTRONICS-74V1G03_04 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
More results


Similar Description - 74V1G03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03_04 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
74V1T03 STMICROELECTRONICS-74V1T03 Datasheet
48Kb / 7P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
September 1999
74LX1G03 STMICROELECTRONICS-74LX1G03 Datasheet
115Kb / 10P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com