|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FA7730 - 45V Input Buck Converter 3ch/2ch IC with Power MOSFET - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SC194A | 1A Synchronous Buck Converter with Integrated Power Devices | 1 2 3 4 5 More | Semtech Corporation |
| TPS40192 | 4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD | 1 2 3 4 5 More | Texas Instruments |
| TPS40192_1 | 4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD | 1 2 3 4 5 More | Texas Instruments |
| MCP3302_07 | 13-Bit Differential Input Low Power A/D Converter with SPI⢠Serial Interface | 1 2 3 4 5 More | Microchip Technology |
| MCP3301_07 | 13-Bit Differential Input Low Power A/D Converter with SPI⢠Serial Interface | 1 2 3 4 5 More | Microchip Technology |
| SC196 | 1.5A Synchronous Buck Converter with Integrated Power Devices | 1 2 3 4 5 More | Semtech Corporation |
| SC196A | 1.5A Synchronous Buck Converter with Integrated Power Devices | 1 2 3 4 5 More | Semtech Corporation |
| SC192 | Synchronous Buck Converter with Integrated Power Devices | 1 2 3 4 5 More | Semtech Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|