|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TSZU52C2 - 150mW SMD Zener Diode - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4T_1 | 150mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| MMBZ5221BT_1 | 150mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| TSZL52C2 | 200mW SMD Zener Diode | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| CZRF52C2 | SMD Zener Diode | 1 2 3 4 | Comchip Technology |
| CZRU52C2 | SMD Zener Diode | 1 2 3 4 | Comchip Technology |
| EDZ6.8B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| EDZ12B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| BZX84C2V4W_1 | 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZ9681_1 | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| MMSZ5221BS_1 | SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|