Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79B18 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX79B18 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX79B18
Download  BZX79B18 Download

File Size   125.61 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500 mW Hermetically Sealed Glass Zener Voltage Regulators

BZX79B18 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79B18 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX79B18
Download  BZX79B18 Click to download

File Size   125.61 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500 mW Hermetically Sealed Glass Zener Voltage Regulators

BZX79B18 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

BZX79B18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd

BZX79B18 Product details

FEATURES
- Wide zener voltage range selection: 2.4V to 75V
- Through-hole device type mounting
- Hermetically sealed glasss
- Compression bonded construction
- Solder hot dip tin (Sn) lead finish
- Pb free and RoHS compliant
- All external surfaces are corrosion resistant and leads are readily solderable




Similar Part No. - BZX79B18

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX79B18 GE-BZX79B18 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79B18 EIC-BZX79B18 Datasheet
33Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX79B18 SEMTECH_ELEC-BZX79B18 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B18 TSC-BZX79B18 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SEMTECH ELECTRONICS LTD...
BZX79B180 SEMTECH_ELEC-BZX79B180 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX79B18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B_11 Datasheet
467Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com