|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX55C - 500mW Zener Diode - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5221B_1 | 500mW EPITAXIAL ZENER DIODE | 1 2 3 | Diodes Incorporated |
| MMSZ5221B_1 | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| GMZJ | Micro MELF ZENER DIODE 2.5% 500mW | 1 2 3 | Rectron Semiconductor |
| MMSZ5221B | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Won-Top Electronics |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | 1 2 3 | Rohm |
| DZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| EDZ24B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| KDZ4.3B | Zener diode | 1 2 3 4 5 | Rohm |
| HZ2 | Silicon Planar Zener Diode for Stabilized Power Supply | 1 2 3 4 5 More | Renesas Technology Corp |
| 1SMB5926 | 3.0 Watts Surface Mount Silicon Zener Diode | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|