|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5252B - 0.5W Hermetically Sealed Glass Zener Diodes - Taiwan Semiconductor Company, Ltd |
|
Click 1N5252B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N957B | Hermetically Sealed Glass Package Zener Diodes | TRANSYS Electronics Limited |
| ZM4728A | 1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators | Taiwan Semiconductor Company, Ltd |
| LLZ2V0 | 500mW Hermetically Sealed Glass Zener Voltage Regulators | Taiwan Semiconductor Company, Ltd |
| LLZ5221B | 500mW Hermetically Sealed Glass Zener Voltage Regulators | Taiwan Semiconductor Company, Ltd |
| 1N708A | Hermetically Sealed Axial Lead Silicon Zener Diodes | Central Semiconductor Corp |
| LL4448 | 500mW Hermetically Sealed Glass Fast Switching Diodes | Taiwan Semiconductor Company, Ltd |
| LL914B | 500mW Hermetically Sealed Glass Fast Switching Diodes | Taiwan Semiconductor Company, Ltd |
| LS4448 | 500mW Hermetically Sealed Glass Fast Switching Diodes | Taiwan Semiconductor Company, Ltd |
| 1N5334B | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
| 1N5348B_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| 1N5252B Datasheet | 1N5252B Cross Reference | 1N5252B Schematic | 1N5252B Distributor | 1N5252B Datenblatt | 1N5252B RoHS |
| 1N5252B Equivalent | 1N5252B Application Notes | 1N5252B Data Sheet | 1N5252B component | 1N5252B Fiche Technique | 1N5252B Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |