|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAV19WS - 0.2W Surface Mount Flat Lead High Voltage Switching Diode - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAT42WS | 0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| CMPD2004 | SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE | 1 2 | Central Semiconductor Corp |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| LMBD3004SLT1G | HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE | 1 2 3 4 5 | Leshan Radio Company |
| MMBD2004S_1 | HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE | 1 2 3 | Diodes Incorporated |
| MMBD3004BRM | SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY | 1 2 3 | Pan Jit International Inc. |
| MMBD3004S | HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE | 1 2 3 4 | Pan Jit International Inc. |
| 1SS400-G | Surface Mount High Speed Switching Diode | 1 2 3 | Comchip Technology |
| SR3150 | 3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 4 | Won-Top Electronics |
| CHN217UPT | SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|