|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SEMIX241DH - Bridge Rectifier Module (halfcontrolled) - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DF200AC | Three Phase Rectifier Bridge Module | 1 2 | SanRex Corporation |
| APTGF50X60RTP3 | Input rectifier bridge + Brake + 3 Phase Bridge NPT IGBT Power Module | 1 2 3 4 | Advanced Power Technology |
| SCP-5888 | HV BRIDGE RECTIFIER STACK: 1A 15000V MODULE | 1 2 3 | Sensitron |
| APTGF10X60RTP2 | Input rectifier bridge + Brake + 3 Phase Bridge NPT IGBT Power Module | 1 2 3 4 | Advanced Power Technology |
| APTGF15X60RTP2 | Input rectifier bridge + Brake + 3 Phase Bridge NPT IGBT Power Module | 1 2 3 4 | Microsemi Corporation |
| SEMIX341D | Bridge Rectifier Module uncontrolled | 1 2 3 | Semikron International |
| DF75AC | Three Phase Rectifier Bridge Module | 1 2 | SanRex Corporation |
| DF100AC | Three Phase Rectifier Bridge Module | 1 2 | SanRex Corporation |
| DF150AC | Three Phase Rectifier Bridge Module | 1 2 | SanRex Corporation |
| GBPC35005_1 | 35A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|