|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LTC6401-20 - 1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF - Linear Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LT6402-20 | 300MHz Low Distortion Low Noise Differential Amplifier/ ADC Driver AV = 20dB | 1 2 3 4 5 More | Linear Technology |
| AD8138_06 | Low Distortion Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| ADA4937-1 | Ultra-Low Distortion Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| AD8137_05 | Low Cost Low Power 12-Bit Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| ADA4937-1_07 | Ultralow Distortion Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| ADA4938-1_07 | Ultra-Low Distortion Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| LMH6555 | Low Distortion 1.2 GHz Differential Driver | Coming Soon | Intersil Corporation |
| ADA4938-1_06 | Ultra-Low Distortion Differential ADC Driver | 1 2 3 4 5 More | Analog Devices |
| LMH6555 | Low Distortion 1.2 GHz Differential Driver | Coming Soon | National Semiconductor |
| AD7785 | 3-Channel Low Noise Low Power 20-Bit â-Î ADC with On-Chip In-Amp and Reference | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|