|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS90CP04 - 1.5 Gbps 4x4 LVDS Crosspoint Switch - National Semiconductor |
|
|
| ||||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DS10CP154 | 1.5 Gbps 4x4 LVDS Crosspoint Switch | 1 2 3 4 5 More | National Semiconductor |
| DS25CP104 | 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization | Coming Soon | National Semiconductor |
| SY89540U | Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination | 1 2 3 4 5 More | Micrel Semiconductor |
| SN65LVDS250_07 | LVDS 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| VSC3139 | 4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch | 1 2 | Vitesse Semiconductor Corporation |
| VSC3144 | 6.5 Gbps 144 Ã 144 Asynchronous Crosspoint Switch | 1 2 | Vitesse Semiconductor Corporation |
| AD8156 | 6.25 Gbps 4Ã4 Digital Crosspoint Switch with EQ | 1 2 3 4 5 More | Analog Devices |
| VSC3172 | 6.5 Gbps 72 Ã 72 Asynchronous Crosspoint Switch | 1 2 | Vitesse Semiconductor Corporation |
| DS10BR254 | 1.5 Gbps 1:4 LVDS Repeater | Coming Soon | National Semiconductor |
| VSC3304 | 8.5 Gbps 4 Ã 4 Crosspoint Switch | 1 2 | Vitesse Semiconductor Corporation |
Link URL |
|
|