|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SCP-600 - 500~600W Parallel Type With PFC Function - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SCP-1K2 | 900~1200W Parallel Type With PFC Function | 1 2 3 | Astrodyne Corporation |
| SCP-2K4 | 2400W Parallel Type With PFC Function | 1 2 3 | Astrodyne Corporation |
| PSP-500 | 500W with PFC and Parallel Function | 1 2 3 | Astrodyne Corporation |
| PSP-600 | 600W with PFC and Parallel Function | 1 2 3 | Astrodyne Corporation |
| SCN-800 | 800W With Parallel Function | 1 2 3 | Astrodyne Corporation |
| PQ20RX05 | Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function | 1 2 3 4 5 More | Sharp Electrionic Components |
| EVAL6563-80W | L6563 80W High performanceTM PFC with active tracking boost function | 1 2 3 4 5 | STMicroelectronics |
| LPP-100 | 100W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| LPP-150 | 150W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| PPS-125 | 125W Single Output with PFC Function | 1 2 3 4 | Astrodyne Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|