|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S-240 - 240W Single Output Switching Power Supply - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| PS-25 | 25W Single Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| AS-60 | 60W Single Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
| PS-45 | 45W Single Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
| PS-65 | 65W Single Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
| RS-25 | 25W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RS-35 | 35W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-100F | 100W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RS-50 | 50W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|