|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RD-35 - 35W Dual Output Switching Power Supply - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| AD-120 | 120W Dual Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
| AS-25 | 25W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-40 | 40W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-150 | 150W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-320 | 320W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| PQ-100 | 100W Quad Output Switching Power Supply | 1 2 3 4 5 | Astrodyne Corporation |
| DER-110 | 7.3 W Dual Output Non-Isolated Power Supply using TNY266P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DI-123 | 9.65 W Dual Output Power Supply for Residential Heating Control | 1 2 | Power Integrations, Inc. |
| PS-25 | 25W Single Output Switching Power Supply | 1 2 3 4 5 More | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|