|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MCA-30 - 30W Ultraminiature Modular Switching Power Supplies - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| ANC | 15 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| APC | 5 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ASC | 30 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| MCA-5 | 5W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | Astrodyne Corporation |
| MCA-10 | 10W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | Astrodyne Corporation |
| MCA-15 | 15W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | Astrodyne Corporation |
| MCA-15 | 15W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| ATC | 10 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ASL10 | 10W Ultraminiature Open Frame Global Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|