|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DRP-240-48 - 240W Single Output Industrial DIN RAIL Power Supply - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DR-30 | 30W Single Output Industrial DIN Rail Power Supply | 1 2 | Astrodyne Corporation |
| DR-60 | 60W Single Output Industrial DIN Rail Power Supply | 1 2 | Astrodyne Corporation |
| DR-75 | 75W Single Output Industrial DIN Rail Power Supply | 1 2 | Astrodyne Corporation |
| DR-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| EPR-34 | Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply | 1 2 3 4 5 More | Power Integrations, Inc. |
| S10077 | CMOS linear image sensor Digital output built-in 8/10-bit AD converter single power supply operation | 1 2 3 4 5 | Hamamatsu Corporation |
| AS-25 | 25W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-40 | 40W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-150 | 150W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| AS-320 | 320W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|