|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ASL150 - 150W 2” x 4” Open Frame Switching Power Supplies - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| ASL40 | 40W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
| ASL60 | 60W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
| ASL10 | 10W Ultraminiature Open Frame Global Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ASL15 | 15W Ultraminiature Open Frame Global Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ANC | 15 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ER9 | For Switching Power Supplies SMD Cores | 1 2 3 4 | TDK Electronics |
| APC | 5 Watt Ultraminiature Modular Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| AS-150 | 150W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|