|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
ANC - 15 Watt Ultraminiature Modular Switching Power Supplies - Astrodyne Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| MCA-15 | 15W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| PM66 | 51-65 WATT MEDICAL SWITCHING POWER SUPPLIES | 1 2 | Protek Devices |
| MK320S | Compact 300 Watt Enclosed Switching Power Supplies | 1 2 3 | Astrodyne Corporation |
| ER9 | For Switching Power Supplies SMD Cores | 1 2 3 4 | TDK Electronics |
| SX100U | 100 & 150 Watt 120 VAC Input Fully Enclosed Switching Power Supply | 1 2 3 | List of Unclassifed Manufacturers |
| MAA50 | Switching Power Supplies | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| KRS10F | 10 WATT Universal Input PCB Mountable Switching Power Supply | 1 2 | List of Unclassifed Manufacturers |
| SPN15 | 15 WATT Universal Input Fully Enclosed Switching Power Supply | 1 2 | List of Unclassifed Manufacturers |
| SPN50 | 50 WATT Universal Input Fully Enclosed Switching Power Supply | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 |
Link URL |
|
|